Part Number Hot Search : 
12016 20001 LIRFZ44 15012 MAX665 UPB586B 1406261 BUT56A
Product Description
Full Text Search
 

To Download F950G476MPAAQ2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID TANTALUM ELECTROLYTIC CAPACITORS
F95
Conformal coated Chip
Adapted to the RoHS directive (2002/95/EC).
Specifications
Item Per formance Characteristics
Category --55 ~ +125C (Rated temperature : 85C) Temperature Range Capacitance Tolerance 20%, 10% (at 120Hz) (However P.Q.T Case 20%) Dissipation Factor Refer to P.235 (at 120Hz) ESR(100kHz) Refer to P.235
* After 1 minute's application of rated voltage, leakage current at 20C is not
more than 0.01CV or 0.5 A, whichever is greater. Leakage Current
* After 1 minute's application of rated voltage, leakage current at 85C is not
more than 0.1CV or 5 A, whichever is greater.
* After 1 minute's application of derated voltage, leakage current at 125C is
not more than 0.125CV or 6.3 A, whichever is greater. +15% Max. (at +125C) +10% Max. (at + 85C) --10% Max. (at --55C) At 40C, 90 ~ 95% R.H., For 500 hours (No voltage applied) Capacitance Change * * * * * * Refor to next page ( 1) Damp Heat Dissipation Factor * * * * * * * * * * Initial specified value or less Leakage Current * * * * * * * * * * * * Initial specified value or less At --55C / +125C, 30 minutes each, For 5 cycles, Capacitance Change * * * * * * Refor to next page ( 1) Temperature Cycles Dissipation Factor * * * * * * * * * * Initial specified value or less Leakage Current * * * * * * * * * * ** Initial specified value or less Capacitance Change by Temperature Dipping Flow at 260C for 10 seconds, reflow at 260C for 10 seconds Resistance to Soldering Heat Capacitance Change * * * * * * Refor to next page ( 1) Dissipation Factor * * * * * * * * * * Initial specified value or less Leakage Current * * * * * * * * * * ** Initial specified value or less After application of surge voltage in series with a 33 resistor at the rate of 30 seconds ON, 30 seconds OFF, for 1000 successive test cycles at 85C, capacitors meet the characteristics requirements listed below. Capacitance Change * * * * * * Refor to next page ( 1) Dissipation Factor * * * * * * * * * * Initial specified value or less Leakage Current * * * * * * * * * * * * Initial specified value or less After 2000 hours' application of rated voltage at 85C, or derated voltage at 125C, capacitors meet the characteristic requirements listed below. Capacitance Change * * * * * * Refor to next page ( 1) Dissipation Factor * * * * * * * * * * Initial specified value or less Leakage Current * * * * * * * * * * ** Initial specified value or less After applying the pressure load of 5N for 10 1 seconds horizontally to the center of capacitor side body which has no electrode and has been soldered 5N (0.51kg * f) beforehand on an aluminum substrate, For 10 1 seconds there shall be found neither exfoliation nor its sign at the terminal electrode. Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at both of the opposite bottom points 45mm apart from the center of the capacitor, the pressure strength is applied with 20 R230 a specified jig at the center of the substrate so that the substrate may bend by 1mm as illustrated. Then, there shall be found no remarkable 45 45 abnormality on the capacitor terminals.
Type numbering system (Example : 35V 1.5 F)
1 2 3 4 5 6 7 8 9 10 1 1 12 13 14
F95
1V 155MA
AQ2
Single face electrode Taping code (Refer to page 267 for details) Case code Capacitance tolerance Rated Capacitance Rated voltage Series
Surge
Drawing
L W
H Resin
Endurance
Solder electrode
Solder electrode (D)
Shear Test
A
B
C
Single-side electrodes (Both electrodes at bottom side only)
Dimensions
case code P Q S A T B L W 2.2 0.3 1.25 0.3 3.2 0.2 1.6 0.2 3.2 0.3 1.6 0.3 3.2 0.3 1.7 0.3 3.5 0.2 2.7 0.2 3.3 0.3 2.7 0.3 H 1.0 0.2 0.8 0.2 1.0 0.2 1.4 0.2 1.0 0.2 1.8 0.2 A 0.6 0.3 0.8 0.2 0.8 0.3 0.8 0.3 0.8 0.2 0.8 0.3 B 0.8 0.3 1.2 0.2 1.2 0.3 1.2 0.3 1.2 0.2 1.2 0.3 C 0.8 0.3 0.8 0.2 0.8 0.3 0.8 0.3 1.1 0.2 1.1 0.3
(mm)
Terminal Strength
(D) (0.2) (0.2) (0.2) (0.2) (0.2) (0.2)
As for the surge and derated voltage at 125C, refer to page 266 for details.
D dimension only for reference
Standard ratings
Cap. (F) V Code
4 0G
6.3 0J
10 1A
16 1C P P P
20 1D
25 1E P*S S
35 1V P*S*A A A (A) * B (T) * B
1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470
105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 P P P P*Q*S*A S*A P*Q*S*A (P) * B S*A*T*B (S) * (A) * T * B (B) P P P P*Q*S*A P*Q*S*A S*A (P) * (Q) * S * A * T * B B (T) * B (B) P P P P P P*Q*S*A Q *S * A (P) * (Q) * S * A * T * B B (T) * B Q*S
P*S A S*A Q*A A*B B
(P) * S * A A (Q) * S * A (Q) (A) * B
P P P*Q*S*A S *A
*
A*T*B B
(A) * (T) * B
( ) The series in parentheses are being developed. Please contact to your local Nichicon sales office when these series are being designed in your application.
CAT.8100V
1mm
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F95
Standard ratings
Rated Rated Volt Capacitance (F) Case code Part Number Leakage Disspation *1 ESR Current Factor C/C (A) (%@120Hz) (@100kHz) (%) Rated Rated Volt Capacitance (F) Case code Part Number Leakage Disspation *1 ESR Current Factor C/C (A) (%@120Hz) (@100kHz) (%)
4V
6.3V
10V
15 22 33 47 47 47 47 68 68 100 100 100 100 150 220 220 220 220 330 330 10 15 22 33 33 33 33 47 47 47 47 68 68 100 100 100 100 150 220 3.3 4.7 6.8 10 15 22 22 22 22 33 33 33 47 47 47 47 68 100
P P P P Q S A S A P Q S A B S A T B T B P P P P Q S A P Q S A S A S A T B B B P P P P P P Q S A Q S A S A T B B B
F950G156MPAAQ2 F950G226MPAAQ2 F950G336MPAAQ2 F950G476MPAAQ2 F950G476MQAAQ2 F950G476MSAAQ2 F950G476MAAAQ2 F950G686MSAAQ2 F950G686MAAAQ2 F950G107MPAAQ2 F950G107MQAAQ2 F950G107MSAAQ2 F950G107MAAAQ2 F950G157MBAAQ2 F950G227MSAAQ2 F950G227MAAAQ2 F950G227MTAAQ2 F950G227MBAAQ2 F950G337MTAAQ2 F950G337MBAAQ2 F950J106MPAAQ2 F950J156MPAAQ2 F950J226MPAAQ2 F950J336MPAAQ2 F950J336MQAAQ2 F950J336MSAAQ2 F950J336MAAAQ2 F950J476MPAAQ2 F950J476MQAAQ2 F950J476MSAAQ2 F950J476MAAAQ2 F950J686MSAAQ2 F950J686MAAAQ2 F950J107MSAAQ2 F950J107MAAAQ2 F950J107MTAAQ2 F950J107MBAAQ2 F950J157MBAAQ2 F950J227MBAAQ2 F951A335MPAAQ2 F951A475MPAAQ2 F951A685MPAAQ2 F951A106MPAAQ2 F951A156MPAAQ2 F951A226MPAAQ2 F951A226MQAAQ2 F951A226MSAAQ2 F951A226MAAAQ2 F951A336MQAAQ2 F951A336MSAAQ2 F951A336MAAAQ2 F951A476MSAAQ2 F951A476MAAAQ2 F951A476MTAAQ2 F951A476MBAAQ2 F951A686MBAAQ2 F951A107MBAAQ2
0.6 0.9 1.3 1.9 1.9 1.9 1.9 2.7 2.7 4.0 4.0 4.0 4.0 6.0 8.8 8.8 8.8 8.8 13.2 13.2 0.6 0.9 1.4 2.1 2.1 2.1 2.1 3.0 3.0 3.0 3.0 4.3 4.3 6.3 6.3 6.3 6.3 9.5 13.9 0.5 0.5 0.7 1.0 1.5 2.2 2.2 2.2 2.2 3.3 3.3 3.3 4.7 4.7 4.7 4.7 6.8 10.0
10 14 14 14 10 10 8 10 10 30 25 14 12 14 25 25 25 16 40 30 8 10 14 14 10 10 8 20 10 10 10 14 12 20 14 14 14 18 30 8 8 8 8 10 14 10 10 6 18 10 10 14 10 12 8 12 14
1.8 1.1 1.1 1.1 1.1 0.8 0.6 0.8 0.5 1.2 1.0 0.8 0.5 0.4 0.8 0.8 0.6 0.4 0.8 0.6 2.0 1.8 1.1 1.1 2.0 1.0 0.8 1.1 1.1 0.9 0.6 0.9 0.5 0.9 0.5 0.6 0.4 0.4 0.4 5.0 4.0 4.0 3.0 3.0 3.0 2.0 1.1 0.9 3.0 1.1 0.8 1.1 0.8 0.8 0.4 0.4 0.4
15 15 15 15 20 15 15 15 15 15
16V
20V
25V
35V
1 1.5 2.2 3.3 4.7 10 10 10 10 15 15 22 22 22 22 22 33 47 2.2 2.2 3.3 4.7 4.7 6.8 6.8 10 10 22 1 1 1.5 2.2 2.2 3.3 4.7 4.7 10 1 1 1 1.5 2.2 3.3 4.7
P P P P P P Q S A S A Q S A T B B B P S A S A Q A A B B P S S S A A S A B P S A A A B B
F951C105MPAAQ2 F951C155MPAAQ2 F951C225MPAAQ2 F951C335MPAAQ2 F951C475MPAAQ2 F951C106MPAAQ2 F951C106MQAAQ2 F951C106MSAAQ2 F951C106MAAAQ2 F951C156MSAAQ2 F951C156MAAAQ2 F951C226MQAAQ2 F951C226MSAAQ2 F951C226MAAAQ2 F951C226MTAAQ2 F951C226MBAAQ2 F951C336MBAAQ2 F951C476MBAAQ2 F951D225MPAAQ2 F951D225MSAAQ2 F951D335MAAAQ2 F951D475MSAAQ2 F951D475MAAAQ2 F951D685MQAAQ2 F951D685MAAAQ2 F951D106MAAAQ2 F951D106MBAAQ2 F951D226MBAAQ2 F951E105MPAAQ2 F951E105MSAAQ2 F951E155MSAAQ2 F951E225MSAAQ2 F951E225MAAAQ2 F951E335MAAAQ2 F951E475MSAAQ2 F951E475MAAAQ2 F951E106MBAAQ2 F951V105MPAAQ2 F951V105MSAAQ2 F951V105MAAAQ2 F951V155MAAAQ2 F951V225MAAAQ2 F951V335MBAAQ2 F951V475MBAAQ2
0.5 0.5 0.5 0.5 0.8 1.6 1.6 1.6 1.6 2.4 2.4 3.5 3.5 3.5 3.5 3.5 5.3 7.5 0.5 0.5 0.7 0.9 0.9 1.4 1.4 2.0 2.0 4.4 0.5 0.5 0.5 0.6 0.6 0.8 1.2 1.2 2.5 0.5 0.5 0.5 0.5 0.8 1.2 1.7
8 8 8 8 10 10 8 8 6 8 8 12 10 8 8 6 8 10 6 6 6 8 6 10 8 8 6 8 6 6 6 6 6 6 8 8 6 8 6 4 6 6 6 6
8.0 8.0 6.0 6.0 4.0 4.0 3.0 2.0 1.4 2.0 1.4 3.0 2.0 1.4 1.4 0.5 0.5 0.6 6.0 5.0 2.0 4.0 1.5 4.0 1.5 1.5 0.8 0.8 8.0 8.0 7.0 7.0 3.2 2.8 4.0 2.0 0.9 10.0 8.0 4.4 4.4 4.4 1.6 1.6
15 10
In case of capacitance tolerance 10% type, K will be put at 9th digit of type numbering system.
*1 : C/C
Item Damp Heat Tempereature cycles Resistance soldering heat Surge Endurance
P * Q * S * A * T * B Case (%) 10 5 5 5 10
CAT.8100V


▲Up To Search▲   

 
Price & Availability of F950G476MPAAQ2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X